PART |
Description |
Maker |
2SC5383 |
125mW SMD NPN transistor, maximum rating: 50V Vceo, 200mA Ic, 150 to 800 hFE.
|
Isahaya Electronics Corporation
|
CMBA847G CMBA847E CMBA847F |
0.150W General Purpose NPN SMD Transistor. 50V Vceo, 0.200A Ic, 400 - 800 hFE. 0.150W General Purpose NPN SMD Transistor. 50V Vceo, 0.200A Ic, 250 - 500 hFE. 0.150W General Purpose NPN SMD Transistor. 50V Vceo, 0.200A Ic, 150 - 300 hFE. TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | SOT-23
|
Continental Device India Limited
|
PBSS303ND PBSS303ND115 |
60 V, 3 A NPN low VCEsat (BISS) transistor 603安NPN低饱和压BISS)晶体 60 V, 3 A NPN low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PBSS301NX115 |
12 V, 5.3 A NPN low VCEsat (BISS) transistor; Package: SOT89 (MPT3; UPAK); Container: Tape reel smd 5300 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PBSS303NX PBSS303NX115 |
30 V, 5.1 A NPN low VCEsat (BISS) transistor; Package: SOT89 (MPT3; UPAK); Container: Tape reel smd 5100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V. Philips Semiconductors
|
FML-14S FML-12 FML-12S FML-13S FML-14 |
Ultra-Fast-Recovery Rectifier Diodes TRANSISTOR NPN 1.8GHZ M04 TRANSISTOR NPN 2GHZ SMD 5 A, 400 V, SILICON, RECTIFIER DIODE, TO-220AB
|
http:// SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
CZT3150 |
SMD Bipolar Power Transistor NPN High Current SURFACE MOUNT NPN SILICON POWER TRANSISTOR
|
Central Semiconductor Corp
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
CJD127 CJD127PNP CJD122 CJD122NPN CJD122-NPN |
SMD Bipolar Power Transistor NPN Darlington COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR 互补性的芯片功率达林顿晶体管 From old datasheet system SMD Bipolar Power Transistor PNP Darlington
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
BCV63215 BCV63B215 |
NPN general purpose double transistors - Description: Schmitt Trigger; Package: SOT143B (SOT4); Container: Tape reel smd 100 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
CXTA64 CXTA14 |
SMD Small Signal Transistor NPN Darlington SURFACE MOUNT SILICON COMPLEMENTARY DARLINGTON TRANSISTORS SMD Small Signal Transistor PNP Darlington
|
Central Semiconductor Corp.
|